Part Number Hot Search : 
AMP03FJ 74LV2 00906 WHA4R0FE GP1602D MAX4571 FST16 BYD52J
Product Description
Full Text Search
 

To Download KI8205T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOSFET
Dual N-Channel High Density Trench MOSFET KI8205T
Unit: mm
Features
Super high dense cell trench design for low RDS(on). Rugged and reliable. Surface Mount package.
1 pin mark
D1
D2
S1 D1/D2 1 2 3 6 5 4 G1 D1/D2 G2
G1 S1
G2
S2
S2
Absolute Maximum Ratings Ta = 25
Parameter Drain-Source Voltage Gate-Source Voltage Drain Current-Continuous @ TA = 25 -Pulse *2 Drain-Source Diode Forward Current *1 Maximum Power Dissipation TA=25 TA=75 Operating Junction and Storage Temperature Range Thermal Resistance,Junction-to-Ambient *1 Surface Mounted on FR4 Board , t 10sec . TJ,TSTG RthJA *1 *1 Symbol VDS VGS ID IDM IS PD Rating 20 12 4.3 21.5 1.7 1.25 0.75 - 55 to 150 100 /W Unit V V A A A W
*2 Pulse width limited by maximum junction temperature.
www.kexin.com.cn
1
SMD Type
MOSFET
Dual N-Channel High Density Trench MOSFET KI8205T
Electrical Characteristics Ta = 25
Parameter Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Gate Threshold Voltage *1 Drain-Source On-State Resistance *1 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Turn-Off Delay Time Rise Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Diode Forward Voltage *1 Pulse width 300 s , Duty Cycle 2% . Symbol VDSS IDSS IGSS VGS(th) RDS(on) CISS COSS CRSS td(on) tr td(off) tf Qg Qgs Qgd VSD VGS = 0V , IS = 1.7A *1 VDS = 10V , ID = 3A,VGS = 4.5V VDD = 10V , ID = 1A VGEN = 4.5V RL = 10 RGEN = 6 VDS = 8V , VGS = 0V,f = 1.0MHz Testconditons VGS = 0V , ID = 250 A Min 20 1 100 0.6 0.9 25 34 550 164 138 10 8.2 25 6.7 6.2 1.8 1.5 1.2 ns ns ns ns nC nC nC V pF 1.5 30 46 Typ Max Unit V A nA V m
VGS = 20V , VDS = 0V VDS = 12V , VGS = 0V
VDS = VGS , ID = 250uA VGS = 4V , ID = 4.3A VGS = 2.5V , ID = 3.4A
www.kexin.com.cn
2


▲Up To Search▲   

 
Price & Availability of KI8205T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X